công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ED555/2DS bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện ED555/2DS
Giải thích chi tiết về linh kiện  Performance Demonstration Kit for the ADS130E08
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ED555/2DS bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button ED555/2DS Datasheet HTML 25Page - Texas Instruments ED555/2DS Datasheet HTML 26Page - Texas Instruments ED555/2DS Datasheet HTML 27Page - Texas Instruments ED555/2DS Datasheet HTML 28Page - Texas Instruments ED555/2DS Datasheet HTML 29Page - Texas Instruments ED555/2DS Datasheet HTML 30Page - Texas Instruments ED555/2DS Datasheet HTML 31Page - Texas Instruments ED555/2DS Datasheet HTML 32Page - Texas Instruments ED555/2DS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
www.ti.com
ADS130E08 ANALYSIS TOOLS
5.3.4
User-Defined Dynamic Range
This portion of the FFT tool (red box 4, Figure 27) is used to examine the SNR of a specific channel within
a given frequency band defined by the Low Frequency and High Frequency fields. The SNR displayed in
this window also appears under the Dynamic Range heading, as shown in Figure 30.
Figure 30. Changing the User-Defined Dynamic Range for Channel 1
5.3.5
Input Amplitude (V
PP)
The Input Amplitude field (red box 5, Figure 27) is a user input that is important for accurately calculating
the CMRR of each channel.
5.3.6
Waveform Zoom
This zoom function allows a closer examination of the FFT at frequencies of interest, as shown in
Figure 31.
Figure 31. FFT Plot Using Waveform Zoom Function
29
SBAU202 – June 2012
Performance Demonstration Kit for the ADS130E08
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com