| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S29GL01GS bảng dữ liệu(PDF) 29 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS bảng dữ liệu(HTML) 29 Page - SPANSION |
|
29 / 104 page ![]() March 16, 2012 S29GL_128S_01GS_00_06 GL-S MirrorBit® Family 29 Data She e t with invalid or unstable data values. In this case the same area will need to be reprogrammed with the same data or erased to ensure data values are properly programmed or erased. Figure 5.2 Write Buffer Programming Operation with Data Polling Status Notes: 1. DQ7 should be rechecked even if DQ5 = 1 because DQ7 may change simultaneously with DQ5. 2. If this flowchart location was reached because DQ5 = 1, then the device FAILED. If this flowchart location was reached because DQ1 = 1, then the Write Buffer operation was ABORTED. In either case the proper RESET command must be written to the device to return the device to READ mode. Write-Buffer-Programming-Abort-Rest if DQ1 = 1, either Software RESET or Write-Buffer-Programming-Abort- Reset if DQ5 = 1. 3. See Table 6.1, Command Definitions on page 57 for the command sequence as required for Write Buffer Programming. 4. When Sector Address is specified, any address in the selected sector is acceptable. However, when loading Write-Buffer address locations with data, all addresses MUST fall within the selected Write-Buffer Page. Write “Write to Buffer” command Sector Address Write “Word Count” to program - 1 (WC) Sector Address Write Starting Address/Data WC = 0? ABORT Write to Buffer Operation? Write to a different Sector Address Write to Buffer ABORTED. Must write “Write-to-Buffer ABORT RESET” command sequence to return to READ mode. Write next Address/Data pair WC = WC - 1 Write Program Buffer to Flash Confirm, Sector Address Read DQ7-DQ0 with Addr = LAST LOADED ADDRESS DQ7 = Data? DQ5 = 1? DQ1 = 1? Read DQ7-DQ0 with Addr = LAST LOADED ADDRESS DQ7 = Data? FAIL or ABORT (Note 2) PASS No Yes (Note 4) No No No No No Yes Yes Yes Yes Yes |