| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99DZ70XP bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ70XP bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 47 page ![]() L99DZ70XP SPI - control and status registers Doc ID 15162 Rev 3 41/47 5.8 Configuration register Table 32. Configuration register (read/write) Bit Name Comment 15 0 Reserved (has to be set to '0') 14 0 13 0 12 0 11 0 10 0 90 80 70 60 5 Mask for bit 15 of status reg. 1 Openload event (under-current status bit of OUT1 HS) is not considered in openload bit 1 of global status register. 4 Mask for bit 14 of status reg. 1 Openload event (under-current status bit of OUT1 LS) is not considered in openload bit 1 of global status register. 3 Mask for bit 3 of global status reg. Temperature warning event is not considered in the 'Global Error Flag'. 2 0 Reserved (has to be set to '0') 1 Mask for bit 1 of global status reg. Openload event (under-current status bit of OUTn) is not considered in the 'Global Error Flag'. 0 0 Reserved (has to be set to '0') |