công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA7529 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện TDA7529
Giải thích chi tiết về linh kiện  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 12Page - STMicroelectronics TDA7529_11 Datasheet HTML 13Page - STMicroelectronics TDA7529_11 Datasheet HTML 14Page - STMicroelectronics TDA7529_11 Datasheet HTML 15Page - STMicroelectronics TDA7529_11 Datasheet HTML 16Page - STMicroelectronics TDA7529_11 Datasheet HTML 17Page - STMicroelectronics TDA7529_11 Datasheet HTML 18Page - STMicroelectronics TDA7529_11 Datasheet HTML 19Page - STMicroelectronics TDA7529_11 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Function description
TDA7529
16/61
Doc ID 13311 Rev 4
3.10
GPIO - general purpose IO interface pins
The front-end has seven GPIO - general purpose control pins to switch external stages
(output), e.g amplifiers, or to read the status of external stages (input), e.g. control voltages.
Some control pins are multiplexed with other functions that are not necessary in every tuner
design (FM AGC keying, AM cascode control). All the GPIOs may put in tristate or in enable
mode. When in enable the GPIOs can be configured as shown in the following table.
All GPIOs are short-circuit protected by current limiter and voltage-tolerant up to 3.5 V.
Table 5.
GPIO - general purpose IO interface pins
GPIO ports
Function
Note
GPIO1
Selects function of GPIO1: if input, connects
GPIO1 to ADC (ADC must then be configured
to use GPIO1 as input); if output, level depends
on GPIO Out Lev Ctrl
→ GPIO1
– AnlgIn to AD
– DigOut
GPIO2
Selects function of GPIO2: if input, connects
GPIO2 to ADC (ADC must then be configured
to use GPIO2 as input) and to KAGC (FM
KAGC must then be enabled); if output, level
depends on GPIO Out Lev Ctr
→ GPIO2
– AnlgIn to AD – Kagc In
– DigOut
GPIO4
Selects function of GPIO4: if input, configures
GPIO4 as AM Cascode VDS input; if output,
level depends on GPIO Out Lev Ctrl
→ GPIO4
– AnlgIn
– DigOut
GPIO5
Selects function of GPIO5: if input, it is directly
connected to read-only register byte 48 bit 4; if
output, level depends on GPIO Out Lev Ctrl
→
GPIO5.
When set to input, it is necessary to set IF AMP
→ GPIO5 out mode to “ON GPIO5 out En”
(labels are wrong).
Also used for production testing as analog
output (not relevant for application).
– DigIn
– Out (Dig or Anlg)
GPIO6
Selects function of GPIO6 if device is
configured in I2C mode: if input, it is directly
connected to read-only register byte 48 bit 5; if
output, level depends on GPIO Out Lev Ctrl
→
GPIO5.
When the device is configured in SPI mode,
program GPIO Out Lev Ctr
→ GPIO5 to “Low”.
The value of GPIO mode
→ GPIO5 does not
matter
– Din (spi MISO out)
– Dout (spi MISO out)
GPIO7
Selects function of GPIO7: if digital output is
selected, level depends on GPIO Out Lev Ctrl
→ GPIO7; otherwise, configures GPIO7 as FM
AGC Vout
– Digital Out
– FM agc Vout
GPIO8
Selects function of GPIO8: if output, level
depends on GPIO Out Lev Ctrl
→ GPIO8;
otherwise, configures GPIO8 as AM AGC Vout
– Digital Out
–AM agc Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com