công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA7419 bảng dữ liệu(PDF) 38 Page - STMicroelectronics

tên linh kiện TDA7419
Giải thích chi tiết về linh kiện  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 bảng dữ liệu(HTML) 38 Page - STMicroelectronics

Back Button TDA7419_09 Datasheet HTML 32Page - STMicroelectronics TDA7419_09 Datasheet HTML 33Page - STMicroelectronics TDA7419_09 Datasheet HTML 34Page - STMicroelectronics TDA7419_09 Datasheet HTML 35Page - STMicroelectronics TDA7419_09 Datasheet HTML 36Page - STMicroelectronics TDA7419_09 Datasheet HTML 37Page - STMicroelectronics TDA7419_09 Datasheet HTML 38Page - STMicroelectronics TDA7419_09 Datasheet HTML 39Page - STMicroelectronics TDA7419_09 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Package information
TDA7419
38/40
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 25. SO-28 mechanical data and package dimensions
SO-28
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
° (typ.)
D
17.7
18.1
0.697
0.713
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
16.51
0.65
F
7.4
7.6
0.291
0.299
L
0.4
1.27
0.016
0.050
S8
° (max.)
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40