| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7419 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7419 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 40 page ![]() TDA7419 I2C bus specification 37/40 0 1 Clock source internal external 0 0 1 1 0 1 0 1 Coupling mode DC Coupling (without HPF) AC coupling after In gain DC Coupling (with HPF) AC coupling after Bass Table 18. Spectrum analyzer / clock source / AC mode (16) (continued) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 Table 19. Testing audio processor (17) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 0 1 Audio processor testing mode off on 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 x x x x x x x x Test multiplexer Left In gain Left In gain Left Loudness Left Loudness Left Volume Left Volume Left Treble Left Treble Left Middle SMCLK Left Bass VrefSCR VGB1.26 SSCLK Clock200 Mon Ref5V5 BPout<1> BPout<2> BPout<3> BPout<4> BPout<5> BPout<6> BPout<7> xx Not used |