| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA7360 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA7360 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 28 page ![]() Block description STA7360 20/28 Doc ID 9814 Rev 4 Figure 30. New output stage In contrast, with the circuit of Figure 31, the solution adopted to reduce the gain at high frequencies is the use of an external RC network. 4.8 Amplifier block diagram The block diagram of each voltage amplifier is shown in Figure 32. Regardless of production spread, the current in each final stage is kept low, with enough margin on the minimum, below which crossover distortion would appear. Figure 31. Classical output stage Figure 32. Amplifier block diagram |