| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA3398W bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA3398W bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 77 page ![]() Register description STA339BW 42/77 Doc ID 15251 Rev 5 2.1 channels, two half bridges + one full bridge (OCFG = 01) FFX1A -> OUT1A FFX2A -> OUT1B FFX3A -> OUT2A FFX3B -> OUT2B FFX1A -> OUT3A FFX1B -> OUT3B FFX2A -> OUT4A FFX2B -> OUT4B FFX1A/1B configured as binary FFX2A/2B configured as binary FFX3A/3B configured as binary FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4 channels the channel 1 and channel 2 PWM are replicated. In this configuration the PWM slot phase is the following as shown in Figure 17. Figure 17. 2.1 channels (OCFG = 01) PWM slots OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B |