| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA3398W bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA3398W bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 77 page ![]() STA339BW Register description Doc ID 15251 Rev 5 31/77 To make the STA339BW work properly, the serial audio interface LRCKI clock must be synchronous to the PLL output clock. It means that: the frequency of PLL clock / frequency of LRCKI = N ±4 cycles, where N depends on the settings in Table 13 on page 28 the PLL must be locked. If these two conditions are not met, and bit IDE of register address 0x05 is set to 1, the STA339BW immediately mutes the I2S PCM data out (provided to the processing block) and it freezes any active processing task. To avoid any audio side effects (like pop noise), it is strongly recommended to soft mute any audio streams flowing into STA339BW data path before the desynchronization event Table 20. Supported serial audio input formats for LSB-first (SAIFB = 1) BICKI SAI [3:0] SAIFB Interface format 32 * fs 1100 1 I2S 15-bit data 1110 1 Left/right-justified 16-bit data 48 * fs 0100 1 I2S 23-bit data 0100 1 I2S 20-bit data 1000 1 I2S 18-bit data 1100 1 LSB first I2S 16-bit data 0001 1 Left-justified 24-bit data 0101 1 Left-justified 20-bit data 1001 1 Left-justified 18-bit data 1101 1 Left-justified 16-bit data 0010 1 Right-justified 24-bit data 0110 1 Right-justified 20-bit data 1010 1 Right-justified 18-bit data 1110 1 Right-justified 16-bit data 64 * fs 0000 1 I2S 24-bit data 0100 1 I2S 20-bit data 1000 1 I2S 18-bit data 1100 1 LSB first I2S 16-bit data 0001 1 Left-justified 24-bit data 0101 1 Left-justified 20-bit data 1001 1 Left-justified 18-bit data 1101 1 Left-justified 16-bit data 0010 1 Right-justified 24-bit data 0110 1 Right-justified 20-bit data 1010 1 Right-justified 18-bit data 1110 1 Right-justified 16-bit data |