| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA333W bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA333W bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 49 page ![]() STA333W Register description Doc ID 13365 Rev 2 21/49 6 Register description Table 8. Register summary Addr Name D7 D6 D5 D4 D3 D2 D1 D0 0x00 CONFA FDRB TWAB TWRB IR1 IR0 MCS2 MCS1 MCS0 0x01 CONFB C2IM C1IM Reserved SAIFB SAI3 SAI2 SAI1 SAI0 0x02 CONFC OCRB Reserved CSZ3 CSZ2 CSZ1 CSZ0 OM1 OM0 0x03 CONFD Reserved ZDE Reserved 0x04 CONFE SVE ZCE DCCV PWMS AME NSBW MPC MPCV 0x05 CONFF EAPD PWDN ECLE LDTE BCLE IDE Reserved 0x06 MUTE Reserved C2M C1M MMUTE 0x07 MVOL MV7 MV6 MV5 MV4 MV3 MV2 MV1 MV0 0x08 C1VOL C1V7 C1V6 C1V5 C1V4 C1V3 C1V2 C1V1 C1V0 0x09 C2VOL C2V7 C2V6 C2V5 C2V4 C2V3 C2V2 C2V1 C2V0 0x0C AUTO Reserved AMAM2 AMAM1 AMAM0 AMAME 0x0E C1CFG Reserved C1VBP Reserved 0x0F C2CFG Reserved C2VBP Reserved 0x27 MPCC1 MPCC15 MPCC14 MPCC13 MPCC12 MPCC11 MPCC10 MPCC9 MPCC8 0x28 MPCC2 MPCC7 MPCC6 MPCC5 MPCC4 MPCC3 MPCC2 MPCC1 MPCC0 0x29 DCC1 DCC15 DCC14 DCC13 DCC12 DCC11 DCC10 DCC9 DCC8 0x2A DCC2 DCC7 DCC6 DCC5 DCC4 DCC3 DCC2 DCC1 DCC0 0x2B FDRC1 FDRC15 FDRC14 FDRC13 FDRC12 FDRC11 FDRC10 FDRC9 FDRC8 0x2C FDRC2 FDRC7 FDRC6 FDRC5 FDRC4 FDRC3 FDRC2 FDRC1 FDRC0 0x2D STATUS PLLUL FAULT UVFAULT Reserved OCFAULT OCWARN TFAULT TWARN 0x2E BIST1 Reserved RO1BACT R5BACT R4BACT R3BACT R2BACT R1BACT 0x2F BIST2 Reserved R01BEND R5BEND R4BEND R3BEND R2BEND R1BEND 0x30 BIST3 Reserved R5BBAD R4BBAD R3BBAD R1BBAD R1BBAD 0x31 TSTCTL Reserved 0x32 C1PS C1PS7 C1PS6 C1PS5 C1PS4 C1PS3 C1PS2 C1PS1 C1PS0 0x33 C2PS C2PS7 C2PS6 C2PS5 C2PS4 C2PS3 C2PS2 C2PS1 C2PS0 0x34 OLIM OLIM7 OLIM6 OLIM5 OLIM4 OLIM3 OLIM2 OLIM1 OLIM0 |