công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA333BW bảng dữ liệu(PDF) 55 Page - STMicroelectronics

tên linh kiện STA333BW
Giải thích chi tiết về linh kiện  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW bảng dữ liệu(HTML) 55 Page - STMicroelectronics

Back Button STA333BW Datasheet HTML 51Page - STMicroelectronics STA333BW Datasheet HTML 52Page - STMicroelectronics STA333BW Datasheet HTML 53Page - STMicroelectronics STA333BW Datasheet HTML 54Page - STMicroelectronics STA333BW Datasheet HTML 55Page - STMicroelectronics STA333BW Datasheet HTML 56Page - STMicroelectronics STA333BW Datasheet HTML 57Page - STMicroelectronics STA333BW Datasheet HTML 58Page - STMicroelectronics STA333BW Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
STA333BW
Register description
Doc ID 13773 Rev 3
55/67
6.7.8
Description
Coefficients for user-defined EQ, mixing, scaling, and bass management are handled
internally in the STA333BW via RAM. Access to this RAM is available to the user via an I2C
register interface. A collection of I2C registers are dedicated to this function. One contains a
coefficient base address, five sets of three store the values of the 24-bit coefficients to be
written or that were read, and one contains bits used to control the read / write of the
coefficient(s) to/from RAM.
Note:
The read and write operation on RAM coefficients works only if LRCKI (pin 29) is switching.
Reading a coefficient from RAM
1.
Write 6-bits of address to I2C register 0x16.
2.
Write 1 to R1 bit in I2C address 0x26.
3.
Read top 8-bits of coefficient in I2C address 0x17.
4.
Read middle 8-bits of coefficient in I2C address 0x18.
5.
Read bottom 8-bits of coefficient in I2C address 0x19.
Reading a set of coefficients from RAM
1.
Write 6-bits of address to I2C register 0x16.
2.
Write 1 to RA bit in I2C address 0x26.
3.
Read top 8-bits of coefficient in I2C address 0x17.
4.
Read middle 8-bits of coefficient in I2C address 0x18.
5.
Read bottom 8-bits of coefficient in I2C address 0x19.
6.
Read top 8-bits of coefficient b2 in I2C address 0x1A.
7.
Read middle 8-bits of coefficient b2 in I2C address 0x1B.
8.
Read bottom 8-bits of coefficient b2 in I2C address 0x1C.
9.
Read top 8-bits of coefficient a1 in I2C address 0x1D.
10. Read middle 8-bits of coefficient a1 in I2C address 0x1E.
11. Read bottom 8-bits of coefficient a1 in I2C address 0x1F.
12. Read top 8-bits of coefficient a2 in I2C address 0x20.
13. Read middle 8-bits of coefficient a2 in I2C address 0x21.
14. Read bottom 8-bits of coefficient a2 in I2C address 0x22.
15. Read top 8-bits of coefficient b0 in I2C address 0x23.
16. Read middle 8-bits of coefficient b0 in I2C address 0x24.
17. Read bottom 8-bits of coefficient b0 in I2C address 0x25.
Writing a single coefficient to RAM
1.
Write 6-bits of address to I2C register 0x16.
2.
Write top 8-bits of coefficient in I2C address 0x17.
3.
Write middle 8-bits of coefficient in I2C address 0x18.
4.
Write bottom 8-bits of coefficient in I2C address 0x19.
5.
Write 1 to W1 bit in I2C address 0x26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com