công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6360 bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện L6360
Giải thích chi tiết về linh kiện  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 20Page - STMicroelectronics L6360 Datasheet HTML 21Page - STMicroelectronics L6360 Datasheet HTML 22Page - STMicroelectronics L6360 Datasheet HTML 23Page - STMicroelectronics L6360 Datasheet HTML 24Page - STMicroelectronics L6360 Datasheet HTML 25Page - STMicroelectronics L6360 Datasheet HTML 26Page - STMicroelectronics L6360 Datasheet HTML 27Page - STMicroelectronics L6360 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Device configuration
L6360
24/65
Doc ID 022817 Rev 2
Figure 10.
Power-on bit behavior
Bit 6 = not used: always at zero
Bit 5 = OVT:
Overtemperature fault
This bit indicates the status of the IC internal temperature.
If the temperature goes above the thermal shutdown threshold (T > TJSD)
the OVT bit is set. It is reset after a successful current read if the
temperature has returned below the thermal restart threshold (TJDS -
TJHIST) and the read operation has begun after the bit has been set.
When OVT bit is high, the power outputs are disabled and IRQ is
generated.
Figure 11.
Overtemperature (OVT) bit behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65