| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXD3017Q bảng dữ liệu(PDF) 49 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3017Q bảng dữ liệu(HTML) 49 Page - Sony Corporation |
|
49 / 117 page ![]() – 49 – CXD3017Q §3. Description of Other Functions §3-1. Channel Clock Regeneration by the Digital PLL Circuit • The channel clock is necessary for demodulating the EFM signal regenerated by the optical system. Assuming T as the channel clock cycle, the EFM signal is modulated in an integer multiple of T from 3T to 11T. In order to read the information in the EFM signal, this integer value must be read correctly. As a result, T, that is the channel clock, is necessary. In an actual player, a PLL is necessary for regenerating the channel clock because the fluctuation in the spindle rotation alters the width of the EFM signal pulses. The block diagram of this PLL is shown in Fig. 3-1. The CXD3017Q has a built-in three-stage PLL. • The first-stage PLL regenerates the high-frequency clock needed by the second-stage digital PLL. • The second-stage PLL is a digital PLL that regenerates the actual channel clock. Block Diagram 3-1 X'tal XTSL OSC 1/M 1/N VCO1 VCOSEL1 1/K (KSL3, 2) Digital PLL RFPLL PCO FILI FILO CLTV CXD3017Q |