| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXD3017Q bảng dữ liệu(PDF) 13 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3017Q bảng dữ liệu(HTML) 13 Page - Sony Corporation |
|
13 / 117 page ![]() – 13 – CXD3017Q §1. CPU Interface §1-1. CPU Interface Timing • CPU interface This interface uses DATA, CLOK and XLAT to set the modes. The interface timing chart is shown below. • The internal registers are initialized by a reset when XRST = 0. Note) Be sure to set SQCK to high when XLAT is low. §1-2. CPU Interface Command Table Total bit length for each register Register 0 to 2 3 4 to 6 7 8 9 A B C D E 8 bits 8 to 24 bits 8 bits 20 bits 28 bits 24 bits 28 bits 16 bits 8 bits 16 bits 20 bits Total bit length 750ns or more D18 D19 D20 D21 D22 D23 750ns or more Valid CLOK DATA XLAT Registers D0 D1 |