| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C2000 bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C2000 bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 15 page ![]() Hardware Resource Mapping www.ti.com 4.2.2 Software Setup for Capacitive Touch Demo 1. Start Code Composer Studio version 5. 2. In the TI Resource Explorer, look for an entry called controlSUITE and expand the Development Tools section. 3. Expand the entry for BOOSTXL-C2KLED and look for the capacitive touch demo application project. Follow the steps in the right pane of Resource Explorer to import, compile, program, and run the example. 4. After the example is running, the LEDs can be controlled as follows: (a) Press the Center button twice to initially turn the LEDs ON. (b) Spinning one’s finger around the touch wheel, while the LEDs are ON, cycles through the color spectrum. (c) Pressing the Center button again turns the LEDs OFF. (d) Subsequent (single) presses of the Center button turns the LEDs ON or OFF. 5 Hardware Resource Mapping 5.1 Resource Allocation Figure 8 shows the various stages of the board in a circuit diagram format and illustrates the major connections and feedback values being mapped to the C2000 MCU. Table 2 lists these resources. For more detailed information, see the schematics and the device-specific data sheets. Table 2. PWM and ADC Resource Allocation Net Name PWM/ADC Channel Description VDCIN ADC-B6 Input voltage sense PWM-1A PWM-1A Boost 1 PWM signal PWM-1B PWM-1B Boost 2 PWM signal VBLUE ADC-B1 Boost 1 output voltage sense VGREEN ADC-B2 Boost 2 output voltage sense IBLUE ADC-A2 Boost 1 output current sense IGREEN ADC-A1 Boost 2 output current sense PWM-2A PWM-2A Boost 3 PWM signal VRED ADC-B4 Boost 3 output voltage sense IRED ADC-A6 Boost 3 output current sense 12 C2000 LED BoosterPack SPRUHH9 – July 2012 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated |