| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BFS520 bảng dữ liệu(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BFS520 bảng dữ liệu(HTML) 51 Page - NXP Semiconductors |
|
51 / 130 page ![]() 52 NXP Semiconductors RF Manual 16th edition New CATV GaAs platform layout 2.2.2 Highlyefficientline-upof1GHzGaAsmodulesforsustainableCATVnetworks NXP high gain power doublers CGD104xHi and push-pulls CGY104 Designed for 1 GHz “sustainable networks,” these high-performance GaAs devices enable extended bandwidth and higher data rates. They deliver increased network capacity and make way for high-end services like HDTV, VoIP, and digital simulcasting. Key features ` Excellent linearity, stability, and reliability ` High power gain for power doublers ` Extremely low noise ` Dark Green products ` GaAs HFET dies for high-end applications ` Rugged construction ` Superior levels of ESD protection ` Integrated ringwave protection ` Design optimized for digital channel loading ` Temperature compensated gain response ` Optimized heat management ` Excellent temperature resistance Key benefits ` Simple upgrade to 1-GHz capable networks ` Low total cost of ownership ` High power-stress capability ` Highly automated assembly Key applications ` Hybrid Fiber Coax (HFC) applications ` Line extenders ` Trunk amplifiers ` Fiber deep-optical-node (N+0/1/2) ` Bridgers The NXP power doublers CGD104xH and CGD104xHi are ideal for use in line extenders and trunk amplifiers. They support fiber deep-optical-node applications (N+0/1/2), delivering the highest output power on the market today. The GaAs HFET die process delivers high gain, excellent CTB and CSO ratings, and lower current. The new NXP CGY104x push-pull family is the first line-up on the market to combine very low noise, best-in-class distortion parameters, and low, “carbon footprint” capabilities. It delivers the best performance for the lowest power consumption, so it reduces OPEX and CO 2 emissions All of NXP’s 1 GHz solutions are designed for durability and offer superior ruggedness, an extended temperature range, high-power overstress capabilities, and extremely high ESD levels. As a result, they also reduce the cost of ownership. The GaAs die is inserted in an HVQFN package that is then mounted on thermal vias that manage heat transfer to the heat sink. Temperature-control circuitry keeps the module's high performance stable over a wide range of temperature. Assembly is fully automated and requires almost no human intervention, so repeatability remains very high. |