| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO7240CF bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO7240CF bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 31 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-Aug-2012 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/ Ball Finish MSL Peak Temp (3) Samples (Requires Login) ISO7240CDW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CDWG4 ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CDWRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CFDW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CFDWG4 ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CFDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CFDWRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240MDW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240MDWG4 ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240MDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240MDWRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241CDW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241CDWG4 ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241CDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241CDWRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241MDW ACTIVE SOIC DW 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR |