| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3ICS1002FUG-V7AF bảng dữ liệu(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002FUG-V7AF bảng dữ liệu(HTML) 27 Page - NXP Semiconductors |
|
27 / 56 page ![]() 139036 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.6 — 10 March 2011 139036 27 of 56 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 14.5 Data integrity The G2X ignores invalid commands. In general, "invalid" means a command that (1) is incorrect given the current the G2X state, (2) is unsupported by the G2X, (3) has incorrect parameters, (4) has a CRC error, (5) specifies an incorrect session, or (6) is in any other way not recognized or not executable by the G2X. The actual definition of "invalid" is state-specific and defined, for each G2X state, in n Section 18, Ref. 1 Annex B and Annex C. All UCODE G2X backscatter error codes are summarized in Section 18, Ref. 1 Error codes, Annex I. For a detailed description of the individual backscatter error situations which are command specific please refer to the Section 18, Ref. 1 individual command description section 6.3.2.10. 14.6 CRC A CRC-16 is a cyclic-redundancy check that an interrogator uses when protecting certain R=>T commands, and the G2X uses when protecting certain backscattered T=>R sequences. To generate a CRC-16 an interrogator or the G2X first generates the CRC-16 precursor shown in Section 18, Ref. 1 Table 6.11, then take the ones-complement of the generated precursor to form the CRC-16. For a detailed description of the CRC-16 generation and handling rules refer to Section 18, Ref. 1, chapter 6.3.2.1. The CRC-5 is only used to protect the Query command (out of the mandatory command set). It is calculated out of X5 + X3 + 1. For a more detailed CRC-5 description refer to Section 18, Ref. 1, table 6.12. For exemplary schematic diagrams for CRC-5 and CRC-16 encoder/decoder refer to Section 18, Ref. 1, Annex F. For a CRC calculation example refer to Section 16.1, Table 32 and Table 33. |