công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL3ICS1002FUG-V7AF bảng dữ liệu(PDF) 24 Page - NXP Semiconductors

tên linh kiện SL3ICS1002FUG-V7AF
Giải thích chi tiết về linh kiện  512-bit user memory (G2XM only)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002FUG-V7AF bảng dữ liệu(HTML) 24 Page - NXP Semiconductors

Back Button SL3ICS1002FUG-V7AF Datasheet HTML 20Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 21Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 22Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 23Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 24Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 25Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 26Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 27Page - NXP Semiconductors SL3ICS1002FUG-V7AF Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
24 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
14. Physical layer and signaling
14.1 Reader to G2X communication
14.1.1 Physical layer
For interrogator-to-G2X link modulation refer to Section 18, Ref. 1, annex H.1 Baseband
waveforms, modulated RF, and detected waveforms.
14.1.2 Modulation
An interrogator sends information to one or more G2X by modulating an RF carrier using
double-sideband amplitude shift keying (DSB-ASK), single-sideband amplitude shift
keying (SSB-ASK) or phase-reversal amplitude shift keying (PR-ASK) using a
pulse-interval encoding (PIE) format. The G2X receives the operating energy from this
same modulated RF carrier.
Section 18, Ref. 1: Annex H, as well as chapter 6.3.1.2.2.
The G2X is capable of demodulating all three modulation types.
14.1.3 Data encoding
The R=>T link is using PIE. For the definition of the therefore relevant reference time
interval for interrogator-to-chip signaling (Tari) refer to Section 18, Ref. 1, chapter
6.3.1.2.3. The Tari is specified as the duration of a data-0.
14.1.4 Data rates
Interrogators shall communicate using Tari values between 6.25
μs and 25 μs, inclusive.
For interrogator compliance evaluation the preferred Tari values of 6.25
μs, 12.5 μs or
25
μs should be used. For further details refer to Section 18, Ref. 1, chapter 6.3.1.2.4.
14.1.5 RF envelope for R=>T
A specification of the relevant RF envelope parameters can be found in Section 18,
Ref. 1, chapter 6.3.1.2.5.
14.1.6 Interrogator power-up/down waveform
For a specification of the interrogator power-up and power-down RF envelope and
waveform parameters refer to Section 18, Ref. 1, chapters 6.3.1.2.6 and 6.3.1.2.7.
14.1.7 Preamble and frame-sync
An interrogator shall begin all R=>T signaling with either a preamble or a frame-sync. A
preamble shall precede a Query command and denotes the start of an inventory round.
For a definition and explanation of the relevant R=>T preamble and frame-sync refer to
Section 18, Ref. 1, chapter 6.3.1.2.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56