| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLOU330 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLOU330 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 18 page ![]() The general setup tab includes controls for the digital TX interface This section controls the setup of the digital interface as well as the TX interpolation www.ti.com Initial EVM Setup and Basic Test Procedure Table 2. Clock Delays for Listed DAC Sampling Rates DAC Sampling Rate Suitable Clock Delay 130Msps 0ps to 900ps 122.88Msps 0ps to 900ps 100Msps 0ps to 1.2ns 80Msps 0ps to 1.8ns 65Msps 0ps to 2.1ns 40Msps 0ps to 2.1ns For TX the output data of the TSW3100 needs to be properly configured for 6x serialization using Matlab. 1. Install Matlab runtime engine (MCRInstaller.exe) 2. Open one of the executable (.exe) TSW3100 GUIs – ‘TSW3100_MultitonePattern_v2p7.exe 3. Enter DAC sampling rate 4. Enter tone frequencies 7 SLOU330 – December 2011 EVM Description Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated |