| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETX3190 bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3190 bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 66 page ![]() TNETX3190 ThunderSWITCH ™ 16/3 ETHERNET™ SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999 37 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 SDRAM interface (continued) Table 15. TNETX3190 Terminal Interface to SDRAMs TERMINALS SDRAM TERMINAL FUNCTION TNETX3190 SDRAM SDRAM TERMINAL FUNCTION DA13 A13 Row/bank address (64-M SDRAMs only) DA12 A12 Row/bank address (64-M SDRAMs only) DA11 A11 Row/bank address DA10 A10 Row address/auto-precharge select DA09 A9 Row address DA08 A8 Row address/column address ( × 8 only) DA07 A7 Row address/column address DA06 A6 Row address/column address DA05 A5 Row address/column address DA04 A4 Row address/column address DA03 A3 Row address/column address DA02 A2 Row address/column address DA01 A1 Row address/column address DA00 A0 Row address/column address DRAS RAS Row address strobe DCAS CAS Column address strobe DW W Write enable DCLK CLK Clock DD31–DD16 DQ15–DQ0 SDRAM1. Data I/O ( × 16 SDRAMs) DD15–DD00 DQ15–DQ0 SDRAM0 DD31–DD24 DQ7–DQ0 SDRAM3. Data I/O ( × 8 SDRAMs) DD23–DD16 DQ7–DQ0 SDRAM2 DD15–DD08 DQ7–DQ0 SDRAM1 DD07–DD00 DQ7–DQ0 SDRAM0 DA13 and DA12 should be left unconnected if 16M-bit SDRAMs are used. The remaining functional SDRAM terminals that are not directly controlled by the SDRAM interface should be tied off from the external system during operation (see Table 16). Table 16. SDRAM Terminals Not Driven by the TNETX3190 HELD SDRAM TERMINAL SDRAM TERMINAL FUNCTION Low CS Chip select High CKE CLK enable Low DQM Data mask ( × 8 SDRAMs) Low DQML Data mask ( × 16 SDRAMs) Low DQMU Data mask ( × 16 SDRAMs) |