| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP795W10 bảng dữ liệu(PDF) 39 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MCP795W10 bảng dữ liệu(HTML) 39 Page - Micro Analog systems |
|
39 / 54 page ![]() 2011 Microchip Technology Inc. Preliminary DS22280A-page 39 MCP795WXX/MCP795BXX FIGURE 10-2: WRITE SEQUENCE 10.1.4 WRITE TO THE UNLOCK REGISTER The MCP795XXX contains a protected area of 64 bits that can be used to hold a unique ID, such as a serial number or MAC address code. To gain write access to these locations, a specific sequence is required. Any deviation from this sequence will reset the lock on these locations. Once these locations have been unlocked they have to be written to in the next com- mand by issuing the correct command. A write to a dif- ferent location will lock the ID locations and clear the WEL bit. The following is a list of strict conditions which have to be followed before the unique locations can be written to: • EEWREN instruction successfully executed • UNLOCK 0x55 instruction successfully executed • UNLOCK 0xAA instruction successfully executed To issue each Unlock instruction the UNLOCK com- mand is sent followed by 0x55. Then in a separate command the UNLOCK command is issued followed by 0xAA. It is a requirement that each command be separate, that is CS must toggle between each com- mand. Information on how to read and write the ID locations is detailed in Section 9.1.6, Unique ID Locations. FIGURE 10-3: UNLOCK SEQUENCE SO SI SCK CS 0 23456789 10 11 12 13 14 15 16 17 18 19 20 21 22 1 00 0 1 0 0 0 A7 6 5 4 1A0 76543210 Instruction Address Byte Data Byte High-Impedance 23 32 1 SO SI SCK CS 0 234567 89 10 11 12 13 14 15 1 10 0 1 0 0 0 76 5 4 10 Instruction Data High-Impedance 32 0 |