| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP795W10 bảng dữ liệu(PDF) 21 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MCP795W10 bảng dữ liệu(HTML) 21 Page - Micro Analog systems |
|
21 / 54 page ![]() 2011 Microchip Technology Inc. Preliminary DS22280A-page 21 MCP795WXX/MCP795BXX 7.0 ALARM 1 REGISTERS REGISTER 7-1: HUNDREDTHS OF SECONDS 0X12 REGISTER 7-2: SECONDS 0X13 REGISTER 7-3: MINUTES 0X14 RW RW Tenth Seconds Hundredths of Seconds bit 7 bit 4 bit 3 bit 0 Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’ bit 7-4 Tenth Seconds bit 3-0 Hundredths of Seconds Note: Hundredths and Tenth seconds only available on Alarm 1. URW RW 10 Seconds Seconds bit 7 bit 6 bit 4 bit 3 bit 0 Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’ bit 7 Unimplemented bit 6-4 10 Seconds bit 3-0 Seconds URW RW 10 Minutes Minutes bit 7 bit 6 bit 4 bit 3 bit 0 Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’ bit 7 Unimplemented bit 6-4 10 Minutes bit 3-0 Minutes |