| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM320DM6446 bảng dữ liệu(PDF) 63 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SM320DM6446 bảng dữ liệu(HTML) 63 Page - Texas Instruments |
|
63 / 228 page ![]() 3.3.3.1 Self-Boot Mode SM320DM6446 Digital Media System-on-Chip www.ti.com SPRS607A – JUNE 2009 – REVISED JUNE 2009 In self-boot mode, the C64x+ power domain is turned on and the C64x+ DSP is released from reset without ARM intervention. The C64x+ begins execution from the default EMIFA address (0x4220 0000) contained within the DSPBOOTADDR register. The C64x+ begins execution with instruction (L1P) cache enabled. Submit Documentation Feedback Device Configurations 63 |