| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM48L930 bảng dữ liệu(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RM48L930 bảng dữ liệu(HTML) 68 Page - Texas Instruments |
|
68 / 147 page ![]() RM48L930 RM48L730 RM48L530 SPNS176 – SEPTEMBER 2011 www.ti.com Table 4-21. Device Memory Map (continued) FRAME ADDRESS RANGE RESPNSE FOR ACCESS TO FRAME CHIP FRAME ACTUA MODULE NAME UNIMPLEMENTED LOCATIONS IN SELECT SIZE L SIZE START END FRAME Reads return zeros, writes have no MIBADC2 PS[15] 0xFFF7_C200 0xFFF7_C3FF 512B 512B effect Reads return zeros, writes have no I2C PS[10] 0xFFF7_D400 0xFFF7_D4FF 256B 256B effect Reads return zeros, writes have no DCAN1 PS[8] 0xFFF7_DC00 0xFFF7_DDFF 512B 512B effect Reads return zeros, writes have no DCAN2 PS[8] 0xFFF7_DE00 0xFFF7_DFFF 512B 512B effect Reads return zeros, writes have no DCAN3 PS[7] 0xFFF7_E000 0xFFF7_E1FF 512B 512B effect Reads return zeros, writes have no LIN PS[6] 0xFFF7_E400 0xFFF7_E4FF 256B 256B effect Reads return zeros, writes have no SCI PS[6] 0xFFF7_E500 0xFFF7_E5FF 256B 256B effect Reads return zeros, writes have no MibSPI1 PS[2] 0xFFF7_F400 0xFFF7_F5FF 512B 512B effect Reads return zeros, writes have no SPI2 PS[2] 0xFFF7_F600 0xFFF7_F7FF 512B 512B effect Reads return zeros, writes have no MibSPI3 PS[1] 0xFFF7_F800 0xFFF7_F9FF 512B 512B effect Reads return zeros, writes have no SPI4 PS[1] 0xFFF7_FA00 0xFFF7_FBFF 512B 512B effect Reads return zeros, writes have no MibSPI5 PS[0] 0xFFF7_FC00 0xFFF7_FDFF 512B 512B effect System Modules Control Registers and Memories DMA RAM PPCS0 0xFFF8_0000 0xFFF8_0FFF 4KB 4KB Abort Wrap around for accesses to unimplemented address offsets lower VIM RAM PPCS2 0xFFF8_2000 0xFFF8_2FFF 4KB 1KB than 0x3FF. Abort generated for accesses beyond 0x3FF. RTP RAM PPCS3 0xFFF8_3000 0xFFF8_3FFF 4KB 4KB Abort Flash Module PPCS7 0xFFF8_7000 0xFFF8_7FFF 4KB 4KB Abort eFuse Controller PPCS12 0xFFF8_C000 0xFFF8_CFFF 4KB 4KB Abort Power Management PPSE0 0xFFFF_0000 0xFFFF_01FF 512B 512B Abort Module (PMM) Test Controller Reads return zeros, writes have no PPSE1 0xFFFF_0400 0xFFFF_07FF 1KB 1KB (FMTM) effect Reads return zeros, writes have no PCR registers PPS0 0xFFFF_E000 0xFFFF_E0FF 256B 256B effect System Module - Reads return zeros, writes have no Frame 2 (see PPS0 0xFFFF_E100 0xFFFF_E1FF 256B 256B effect device TRM) Reads return zeros, writes have no PBIST PPS1 0xFFFF_E400 0xFFFF_E5FF 512B 512B effect Generates address error interrupt, if STC PPS1 0xFFFF_E600 0xFFFF_E6FF 256B 256B enabled IOMM Reads return zeros, writes have no Multiplexing PPS2 0xFFFF_EA00 0xFFFF_EBFF 512B 512B effect Control Module Reads return zeros, writes have no DCC1 PPS3 0xFFFF_EC00 0xFFFF_ECFF 256B 256B effect Reads return zeros, writes have no DMA PPS4 0xFFFF_F000 0xFFFF_F3FF 1KB 1KB effect 68 System Information and Electrical Specifications Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback focus.ti.com: RM48L930 RM48L730 RM48L530 |