| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP1754S bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1754S bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 42 page ![]() MCP1754/MCP1754S DS22276A-page 2 © 2011 Microchip Technology Inc. Package Types - MCP1754S Package Types - MCP1754 1 3 2 VIN GND VOUT 12 3 VIN GND V OUT 3-Pin SOT-23A 3-Pin SOT-89 GND Tab will be connected to GND 8-Lead 2X3 DFN(*) 1 2 3 SOT-223-3 4 GND VIN VOUT GND 2 NC NC GND NC NC 1 2 3 4 8 7 6 5 GND VIN VOUT EP 9 * Includes Exposed Thermal Pad (EP); see Table 3-2. (Note: The 3-lead SOT-223 (DB) is not a standard package for output voltages below 3.0V) 1 2 SOT23-5 12 3 SOT-223-5 45 PIN FUNCTION 1 /SHDN 5 PWRGD 3 GND 4 VOUT 2 VIN 4 3 5 PIN FUNCTION 4 PWRGD 2 GND 1 VIN 5 VOUT 3 /SHDN Tab will be connected to GND 8-Lead 2X3 DFN(*) 3 NC PWRGD GND NC NC 1 2 3 4 8 7 6 5 SHDN VIN VOUT EP 9 * Includes Exposed Thermal Pad (EP); see Table 3-1. |