công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1754S bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện MCP1754S
Giải thích chi tiết về linh kiện  150 mA, 16V, High Performance LDO
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754S bảng dữ liệu(HTML) 4 Page - Microchip Technology

  MCP1754S Datasheet HTML 1Page - Microchip Technology MCP1754S Datasheet HTML 2Page - Microchip Technology MCP1754S Datasheet HTML 3Page - Microchip Technology MCP1754S Datasheet HTML 4Page - Microchip Technology MCP1754S Datasheet HTML 5Page - Microchip Technology MCP1754S Datasheet HTML 6Page - Microchip Technology MCP1754S Datasheet HTML 7Page - Microchip Technology MCP1754S Datasheet HTML 8Page - Microchip Technology MCP1754S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP1754/MCP1754S
DS22276A-page 4
© 2011 Microchip Technology Inc.
Typical Application Circuits
EA
+
–
VOUT
PMOS
Rf
Cf
ISNS
Overtemperature
VREF
Comp
92% of VREF
TDELAY
VIN
Driver w/limit
and SHDN
GND
Soft-Start
Sense
Undervoltage
Lock Out
VIN
Reference
SHDN
SHDN
SHDN
Sensing
(UVLO)
PWRGD
MCP1754
MCP1754S
CIN
1µF Ceramic
COUT
1µF Ceramic
VOUT
5.0V
IOUT
30 mA
12V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42