công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1703AX bảng dữ liệu(PDF) 37 Page - SONiX Technology Company

tên linh kiện SN8P1703AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1703AX bảng dữ liệu(HTML) 37 Page - SONiX Technology Company

Back Button SN8P1703AX Datasheet HTML 33Page - SONiX Technology Company SN8P1703AX Datasheet HTML 34Page - SONiX Technology Company SN8P1703AX Datasheet HTML 35Page - SONiX Technology Company SN8P1703AX Datasheet HTML 36Page - SONiX Technology Company SN8P1703AX Datasheet HTML 37Page - SONiX Technology Company SN8P1703AX Datasheet HTML 38Page - SONiX Technology Company SN8P1703AX Datasheet HTML 39Page - SONiX Technology Company SN8P1703AX Datasheet HTML 40Page - SONiX Technology Company SN8P1703AX Datasheet HTML 41Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 37
Revision 0.5
5
5
5 SYSTEM REGISTER
OVERVIEW
The system special register is located at 80h~FFh. The main purpose of system registers is to control the peripheral
hardware of the chip. Using system registers can control I/O ports, SIO, ADC, PWM, timers and counters by
programming. The Memory map provides an easy and quick reference source for writing application program. To
accessing these system registers is controlled by the select memory bank (RBANK = 0) or the bank 0 read/write
instruction (B0MOV, B0BSET, B0BCLR…).
SYSTEM REGISTER ARRANGEMENT (BANK 0)
BYTES of SYSTEM REGISTER
SN8P1702
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
8
-
-
R
Z
Y
-
PFLAG
-
-
-
-
-
-
-
-
-
9
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
P4CON
-
B
-
ADM
ADB
ADR
-
-
-
-
-
-
-
-
-
-
-
PEDGE
C
P1W
P1M
-
-
P4M
P5M
-
-
INTRQ
INTEN
OSCM
-
-
TC0R
PCL
PCH
D
P0
P1
-
-
P4
P5
-
-
T0M
-
TC0M
TC0C
TC1M
TC0C
TC1R
STKP
E P0UR
P1UR
-
-
P4UR
P5UR
-
@YZ
-
-
-
-
-
-
-
-
F
STK7
STK7
STK6
STK6
STK5
STK5
STK4
STK4
STK3
STK3
STK2
STK2
STK1
STK1
STK0
STK0
Table 5-1. System Register Arrangement
Description
PFLAG = ROM page and special flag register.
R = Working register and ROM lookup data buffer.
ADB = ADC’s data buffer.
Y, Z = Working, @YZ and ROM addressing register.
PnM = Port n input/output mode register.
RBANK = RAM Bank Select register.
INTRQ = Interrupts’ request register.
ADM = ADC’s mode register.
OSCM = Oscillator mode register.
ADR = ADC’s resolution selects register.
TC0/1M = Timer/Counter 0/1 mode register.
P1W = Port 1 wakeup register.
TC0/1C = Timer/Counter 0/1 counting register.
Pn = Port n data buffer.
TC0/1R = Timer/Counter 0/1 auto-reload data buffer.
PnUR= Pull-up register
STKP = Stack pointer buffer.
INTEN = Interrupts’ enable register.
@HL = RAM HL indirect addressing index pointer.
PCH, PCL = Program counter.
STK0~STK7 = Stack 0 ~ stack 7 buffer.
@YZ = RAM YZ indirect addressing index pointer.
Note:
a). All of register names had been declared in SONiX 8-bit MCU assembler.
b). One-bit name had been declared in SONiX 8-bit MCU assembler with “F” prefix code.
c). It will get logic “H” data, when use instruction to check empty location.
d). The low nibble of ADR register is read only.
e). “b0bset”, “b0bclr”, ”bset”, ”bclr” instructions only support “R/W” registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com