công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1703AX bảng dữ liệu(PDF) 9 Page - SONiX Technology Company

tên linh kiện SN8P1703AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1703AX bảng dữ liệu(HTML) 9 Page - SONiX Technology Company

Back Button SN8P1703AX Datasheet HTML 5Page - SONiX Technology Company SN8P1703AX Datasheet HTML 6Page - SONiX Technology Company SN8P1703AX Datasheet HTML 7Page - SONiX Technology Company SN8P1703AX Datasheet HTML 8Page - SONiX Technology Company SN8P1703AX Datasheet HTML 9Page - SONiX Technology Company SN8P1703AX Datasheet HTML 10Page - SONiX Technology Company SN8P1703AX Datasheet HTML 11Page - SONiX Technology Company SN8P1703AX Datasheet HTML 12Page - SONiX Technology Company SN8P1703AX Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
Preliminary
SN8P1702A/SN8P1703A
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 9
Revision 0.5
UPGRADE FROM SN8P1702 (Old version OTP)
Chip
SN8P1702
SN8P1702A
SN8P1702A
SN8P1703A
Assembly Declaration CHIP SN8P1702
CHIP SN8P1702A
CHIP SN8P1702AOTP
CHIP SN8P1703A
Standby current (3V)
3uA
< 1uA
< 1uA
< 1uA
4MHz Operating (3V)
1.5mA
< 1mA
< 1mA
< 1mA
4MHz Operating (5V)
7mA
< 3mA
< 3mA
< 3mA
Green Mode
-
Yes
Yes
Yes
P0.0 Interrupt Edge
Falling
Falling/Rising/Both
Falling/Rising/Both
Falling/Rising/Both
P1 wake up
Low Level
Level change
Level change
Level change
AVREFH
NO
Only SSOP20
Only SSOP20
Yes
ADC Channel
4
4
4
4
P4CON register
-
-
Yes
Yes
RAM size
64
64
128
128
GPIO
12
12
12
13
TC1 Timer
-
-
Yes
Yes
Fast PWM
-
-
Yes
Yes
Pull-up Resistor
By Port
By Port
By Pin
By Pin
Pull-up Register
@SET_PUR
@SET_PUR
PnUR
PnUR
SN8P1702 Pin
Compatible
Yes
Yes
Yes
No
WDT clock source
High Clock
High Clock
High Clock
Internal RC
High Clock
Internal RC
Internal RC always ON
and WDT clock source
fixed at internal RC
-
-
Yes
Yes
Power On Delay
at 4MHz/3V
~70ms
~200ms
~200ms
~200ms
MASK Type
SN8A1702A
SN8A1702A
SN8A1702B
SN8A1703A
Package
PDIP18/SOP18
PDIP18/SOP18/SSOP20 PDIP18/SOP18/SSOP20 PDIP20/SOP20/SSOP20
Notice: The SN8P1702 is not recommended for the new design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com