| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1604X bảng dữ liệu(PDF) 46 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1604X bảng dữ liệu(HTML) 46 Page - SONiX Technology Company |
|
46 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 46 Revision 1.94 INTERNAL LOW-SPEED OSCILLATOR The internal low-speed oscillator is built in the micro-controller. The low-speed clock source is a RC type oscillator circuit. The low-speed clock can supplies clock for system clock and timer,. Example: Stop internal low-speed oscillator. B0BSET FCPUM0 ; To stop external high-speed oscillator and internal low-speed ; oscillator called power down mode (sleep mode). Note: The internal low-speed clock can’t be turned off individually. It is controlled by CPUM0 bit of OSCM register. The low-speed oscillator uses RC type oscillator circuit. The frequency is affected by the voltage and temperature of the system. In common condition, the frequency of the RC oscillator is about 16KHz at 3V and 32KHz at 5V. The relative between the RC frequency and voltage is as the following figure. Internal RC vs. VDD 7.329 8.663 11.998 15.333 18.668 22.003 25.338 28.673 32.008 35.343 38.678 0 5 10 15 20 25 30 35 40 1.80 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 6.50 VDD (Volts) Example: Measure the internal RC frequency by instruction cycle (Fcpu). The internal RC frequency is the Fcpu multiplied by 4. We can get the Fosc frequency of internal RC from the Fcpu frequency. B0BSET P1M.0 ; Set P1.0 to be output mode for outputting Fcpu toggle signal. B0BSET FCLKMD ; Switch the system clock to internal low-speed clock mode. @@: B0BSET P1.0 ; Output Fcpu toggle signal in low-speed clock mode. B0BCLR P1.0 ; Measure the Fcpu frequency by oscilloscope. JMP @B |