| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1604X bảng dữ liệu(PDF) 22 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1604X bảng dữ liệu(HTML) 22 Page - SONiX Technology Company |
|
22 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 22 Revision 1.94 JUMP TABLE DESCRIPTION The jump table operation is one of multi-address jumping function. Add low-byte program counter (PCL) and ACC value to get one new PCL. The new program counter (PC) points to a series jump instructions as a listing table. The way is easy to make a multi-stage program. When carry flag occurs after executing of “ADD PCL, A”, it will not affect PCH register. Users have to check if the jump table leaps over the ROM page boundary or the listing file generated by SONIX assembly software. If the jump table leaps over the ROM page boundary (e.g. from xxFFH to xx00H), move the jump table to the top of next program memory page (xx00H). Here one page mean 256 words. Example : ORG 0X0100 ; The jump table is from the head of the ROM boundary B0ADD PCL, A ; PCL = PCL + ACC, the PCH can’t be changed. JMP A0POINT ; ACC = 0, jump to A0POINT JMP A1POINT ; ACC = 1, jump to A1POINT JMP A2POINT ; ACC = 2, jump to A2POINT JMP A3POINT ; ACC = 3, jump to A3POINT In following example, the jump table starts at 0x00FD. When execute B0ADD PCL, A. If ACC = 0 or 1, the jump table points to the right address. If the ACC is larger then 1 will cause error because PCH doesn't increase one automatically. We can see the PCL = 0 when ACC = 2 but the PCH still keep in 0. The program counter (PC) will point to a wrong address 0x0000 and crash system operation. It is important to check whether the jump table crosses over the boundary (xxFFH to xx00H). A good coding style is to put the jump table at the start of ROM boundary (e.g. 0100H). Example: If “jump table” crosses over ROM boundary will cause errors. ROM Address . . . . . . 0X00FD B0ADD PCL, A ; PCL = PCL + ACC, the PCH can’t be changed. 0X00FE JMP A0POINT ; ACC = 0 0X00FF JMP A1POINT ; ACC = 1 0X0100 JMP A2POINT ; ACC = 2 jump table cross boundary here 0X0101 JMP A3POINT ; ACC = 3 . . . . SONIX provides a macro for safe jump table function. This macro will check the ROM boundary and move the jump table to the right position automatically. The side effect of this macro maybe wastes some ROM size. @JMP_A MACRO VAL IF (($+1) !& 0XFF00) !!= (($+(VAL)) !& 0XFF00) JMP ($ | 0XFF) ORG ($ | 0XFF) ENDIF ADD PCL, A ENDM Note: “VAL” is the number of the jump table listing number. |