công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNAD01B bảng dữ liệu(PDF) 27 Page - SONiX Technology Company

tên linh kiện SNAD01B
Giải thích chi tiết về linh kiện  8-CHANNEL 8-BIT ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01B bảng dữ liệu(HTML) 27 Page - SONiX Technology Company

Back Button SNAD01B Datasheet HTML 23Page - SONiX Technology Company SNAD01B Datasheet HTML 24Page - SONiX Technology Company SNAD01B Datasheet HTML 25Page - SONiX Technology Company SNAD01B Datasheet HTML 26Page - SONiX Technology Company SNAD01B Datasheet HTML 27Page - SONiX Technology Company SNAD01B Datasheet HTML 28Page - SONiX Technology Company SNAD01B Datasheet HTML 29Page - SONiX Technology Company SNAD01B Datasheet HTML 30Page - SONiX Technology Company SNAD01B Datasheet HTML 31Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
SNAD01B
8-CHANNEL 8-BIT ADC
Program 1: Set Configuration of SNAD01B
;; Setup Configuration of SNAD01B
;;
;; With Pull-Low, Bandgap ON. (PH=0, PL=1, RF=0,MB=0)
;;
;;
CH7 CH6 CH5 CH4 CH3 CH2 CH1 CH0
;; Analog/Digital:
B
A
A
D
D
D
A
A
:B, battery detect
;; Wakeup:
X
X
X
NO YES YES X
X
;;
SNC520
program
include
def.h
START:
mov
a
#1111b
mov
p2s
a
mov
a
#0000b
mov
p2
a
mov
p2State
#0
@Set_Control_Reg #0, #1, #0, #0
;; Set Control Registers
@Set_Attrib
#0, #1, #1, #0, #0, #0, #1, #1
;; Set Chan Analog/Digital
@Set_Wakeup #0, #0, #0, #0, #1, #1, #0, #0
;; Setup Wakeup function
Program 2: Read ADC result from Channel 1
;; Inherit from program 1
;; 8-bit ADC result of channel 1 in ( ad_out_h, ad_out_l)
@Read_ADC #0, #0, #1
;;get ADC result from Ch1 in ( ad_out_h, ad_out_l)
…
…
Version: 1.3
July 31, 2003
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31