| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SNAD01B bảng dữ liệu(PDF) 21 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNAD01B bảng dữ liệu(HTML) 21 Page - SONiX Technology Company |
|
21 / 31 page ![]() SNAD01B 8-CHANNEL 8-BIT ADC ;;***************************************************************** ;; Let SNAD01B Enter Power-Down mode 1 * ;;***************************************************************** @Power_Down_1 macro @P20_Out_mode ;; SWITCH P2 TO OUTPUT MODE @ON_START ;; SET START=0 @Send_1 ;; SEND COMMAND (111) @Clock @Send_1 @Clock @Send_1 @Clock @P20_In_mode ;; SWITCH P2.0 TO INPUT MODE @Clock @Clock @Clock @Clock @Clock ;; SNAD01B ENTERS POWER-DOWN AT THE 8-th CLOCK EDGE. endm ;;***************************************************************** ;; Read ADC from Channel n (n=n2,n1,n0) * ;; e.g.: Ch 5 (n2, n1, n0= #1, #0, #1 * ;; 8-bit Data (ad_out_h, ad_out_l) * ;;***************************************************************** @Read_ADC macro n0, n1, n2 @P20_Out_mode ;; SWITCH P2 TO OUTPUT MODE @ON_START ;; SET START=0 @Send_1 ;; SEND COMMAND (100) @Clock @Send_0 @Clock @Send_0 @Clock @Send n2 ;; SEND CHANNEL NUMBER @Clock @Send n1 @Clock Version: 1.3 July 31, 2003 21 |