công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS570LS3137 bảng dữ liệu(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS570LS3137
Giải thích chi tiết về linh kiện  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 bảng dữ liệu(HTML) 83 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 79Page - Texas Instruments TMS570LS3137 Datasheet HTML 80Page - Texas Instruments TMS570LS3137 Datasheet HTML 81Page - Texas Instruments TMS570LS3137 Datasheet HTML 82Page - Texas Instruments TMS570LS3137 Datasheet HTML 83Page - Texas Instruments TMS570LS3137 Datasheet HTML 84Page - Texas Instruments TMS570LS3137 Datasheet HTML 85Page - Texas Instruments TMS570LS3137 Datasheet HTML 86Page - Texas Instruments TMS570LS3137 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
4.13.2 On-Chip SRAM Auto Initialization
This microcontroller allows some of the on-chip memories to be initialized via the Memory Hardware
Initialization mechanism in the System module. This hardware mechanism allows an application to
program the memory arrays with error detection capability to a known state based on their error detection
scheme (odd/even parity or ECC).
The MINITGCR register enables the memory initialization sequence, and the MSINENA register selects
the memories that are to be initialized.
For more information on these registers see the TMS570LS31X/21X Technical Reference Manual
(SPNU499).
The mapping of the different on-chip memories to the specific bits of the MSINENA registers is shown in
Table 4-26.
Table 4-26. Memory Initialization
ADDRESS RANGE
CONNECTING MODULE
MSINENA REGISTER BIT #
BASE ADDRESS
ENDING ADDRESS
RAM (PD#1)
0x08000000
0x0800FFFF
0(1)
RAM (RAM_PD#1)
0x08010000
0x0801FFFF
0(1)
RAM (RAM_PD#2)
0x08020000
0x0802FFFF
0(1)
RAM (RAM_PD#3)
0x08030000
0x0803FFFF
0(1)
MIBSPI5 RAM
0xFF0A0000
0xFF0BFFFF
12(2)
MIBSPI3 RAM
0xFF0C0000
0xFF0DFFFF
11(2)
MIBSPI1 RAM
0xFF0E0000
0xFF0FFFFF
7(2)
DCAN3 RAM
0xFF1A0000
0xFF1BFFFF
10
DCAN2 RAM
0xFF1C0000
0xFF1DFFFF
6
DCAN1 RAM
0xFF1E0000
0xFF1FFFFF
5
FlexRay RAM
RAM is not CPU-Addressable
n/a(3)
MIBADC2 RAM
0xFF3A0000
0xFF3BFFFF
14
MIBADC1 RAM
0xFF3E0000
0xFF3FFFFF
8
N2HET2 RAM
0xFF440000
0xFF57FFFF
15
N2HET1 RAM
0xFF460000
0xFF47FFFF
3
HET TU2 RAM
0xFF4C0000
0xFF4DFFFF
16
HET TU1 RAM
0xFF4E0000
0xFF4FFFFF
4
DMA RAM
0xFFF80000
0xFFF80FFF
1
VIM RAM
0xFFF82000
0xFFF82FFF
2
RTP RAM
0xFFF83000
0xFFF83FFF
n/a
FlexRay TU RAM
0xFF500000
0xFF51FFFF
13
Ethernet RAM (CPPI Memory
0xFC520000
0xFC521FFF
n/a
Slave)
(1)
The TCM RAM wrapper has separate control bits to select the RAM power domain that is to be auto-initialized.
(2)
The MibSPIx modules perform an initialization of the transmit and receive RAMs as soon as the multi-buffered mode is enabled. This is
independent of whether the application chooses to initialize the MibSPIx RAMs using the system module auto-initialization method.
(3)
Reserved only. The FlexRay RAM has its own initialization mechanism.
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
83
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com