công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS570LS3137 bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS570LS3137
Giải thích chi tiết về linh kiện  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 76Page - Texas Instruments TMS570LS3137 Datasheet HTML 77Page - Texas Instruments TMS570LS3137 Datasheet HTML 78Page - Texas Instruments TMS570LS3137 Datasheet HTML 79Page - Texas Instruments TMS570LS3137 Datasheet HTML 80Page - Texas Instruments TMS570LS3137 Datasheet HTML 81Page - Texas Instruments TMS570LS3137 Datasheet HTML 82Page - Texas Instruments TMS570LS3137 Datasheet HTML 83Page - Texas Instruments TMS570LS3137 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 159 page
background image
EVEN Address
TCMBUS
ODD Address
TCMBUS
64Bitdatabus
64Bitdatabus
Upper32bits data&
4ECCbits
Lower 32bits data&
4ECCbits
36Bit
wide
RAM
36Bit
wide
RAM
36Bit
wide
RAM
36Bit
wide
RAM
36Bit
wide
RAM
36Bit
wide
RAM
Upper32bits data&
4ECCbits
Lower 32bits data&
4ECCbits
36Bit
wide
RAM
36Bit
wide
RAM
36Bit
wide
RAM
36Bit
wide
RAM
36Bit
wide
RAM
36Bit
wide
RAM
TCRAM
Interface1
PMT I/F
VBUSP I/F
CortexR4F™
B0
TCM
B1
TCM
A
TCM
TCRAM
Interface2
PMT I/F
VBUSP I/F
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
4.11 Tightly-Coupled RAM Interface Module
Figure 4-10 illustrates the connection of the Tightly Coupled RAM (TCRAM) to the Cortex-R4F
™ CPU.
Figure 4-10. TCRAM Block Diagram
4.11.1 Features
The features of the Tightly Coupled RAM (TCRAM) Module are:
•
Acts as slave to the Cortex-R4F CPU's BTCM interface
•
Supports CPU's internal ECC scheme by providing 64-bit data and 8-bit ECC code
•
Monitors CPU Event Bus and generates single or multi-bit error interrupts
•
Stores addresses for single and multi-bit errors
•
Supports RAM trace module
•
Provides CPU address bus integrity checking by supporting parity checking on the address bus
•
Performs redundant address decoding for the RAM bank chip select and ECC select generation logic
•
Provides enhanced safety for the RAM addressing by implementing two 36-bit wide byte-interleaved
RAM banks and generating independent RAM access control signals to the two banks
•
Supports auto-initialization of the RAM banks along with the ECC bits
•
No support for bit-wise RAM accesses
4.11.2 TCRAMW ECC Support
The TCRAMW passes on the ECC code for each data read by the Cortex-R4F CPU from the RAM. It also
stores the CPU's ECC port contents in the ECC RAM when the CPU does a write to the RAM. The
TCRAMW monitors the CPU's event bus and provides registers for indicating single/multi-bit errors and
also for identifying the address that caused the single or multi-bit error. The event signaling and the ECC
checking for the RAM accesses must be enabled inside the CPU.
For more information see the TMS570LS31X/21X Technical Reference Manual (SPNU499).
4.12
Parity Protection for Accesses to peripheral RAMs
Accesses to all peripheral RAMs are protected by odd/even parity checking. During a read access the
parity is calculated based on the data read from the peripheral RAM and compared with the good parity
value stored in the parity RAM for that peripheral. If any word fails the parity check, the module generates
a parity error signal that is mapped to the Error Signaling Module. The module also captures the
peripheral RAM address that caused the parity error.
80
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com