công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702 bảng dữ liệu(PDF) 67 Page - SONiX Technology Company

tên linh kiện SN8P1702
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702 bảng dữ liệu(HTML) 67 Page - SONiX Technology Company

Back Button SN8P1702 Datasheet HTML 63Page - SONiX Technology Company SN8P1702 Datasheet HTML 64Page - SONiX Technology Company SN8P1702 Datasheet HTML 65Page - SONiX Technology Company SN8P1702 Datasheet HTML 66Page - SONiX Technology Company SN8P1702 Datasheet HTML 67Page - SONiX Technology Company SN8P1702 Datasheet HTML 68Page - SONiX Technology Company SN8P1702 Datasheet HTML 69Page - SONiX Technology Company SN8P1702 Datasheet HTML 70Page - SONiX Technology Company SN8P1702 Datasheet HTML 71Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 67
Revision 1.94
WAKEUP TIME
OVERVIEW
The external high-speed oscillator needs a delay time from stopping to operating. The delay is very necessary and
makes the oscillator to work stably. Some conditions during system operating, the external high-speed oscillator often
runs and stops. Under these condition, the delay time for external high-speed oscillator restart is called wakeup time.
There are two conditions need wakeup time. One is power down mode to normal mode. The other one is slow mode to
normal mode. For the first case, SN8P1700 provides 2048 oscillator clocks to be the wakeup time. But in the last case,
users need to make the wakeup time by themselves.
HARDWARE WAKEUP
When the system is in power down mode (sleep mode), the external high-speed oscillator stops. For wakeup into
normal, SN8P1700 provides 2048 external high-speed oscillator clocks to be the wakeup time for warming up the
oscillator circuit. After the wakeup time, the system goes into the normal mode. The value of the wakeup time is as
following.
The wakeup time = 1/Fosc * 2048 (sec)
Example: In power down mode (sleep mode), the system is waked up by P0 or P1 trigger signal. After the
wakeup time, the system goes into normal mode. The wakeup time of P0, P1 wakeup function is
as following.
The wakeup time = 1/Fosc * 2048 = 0.57 ms
(Fosc = 3.58MHz)
The wakeup time = 1/Fosc * 2048 = 62.5 ms
(Fosc=32768Hz)
Under power down mode (sleep mode), there are only I/O ports with wakeup function making the system to return
normal mode. The Port 0 and Port 1 have wakeup function. Port 0’s wakeup function always enables. The Port 1
controls by the P1W register.
P1W initial value = xx00 0000
0C0H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P1W
0
0
P15W
P14W
P13W
P12W
P11W
P10W
-
-
W
W
W
W
W
W
P10W~P15W: Port 1 wakeup function control bits. 0 = none wakeup function, 1 = Enable each pin of Port 1 wakeup
function.
Note: For SN8P1702 the P1W register only obtains P10W and P11W. For SN8P1704 the P1W register only
obtain P10W~P14W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com