công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1702 bảng dữ liệu(PDF) 35 Page - SONiX Technology Company

tên linh kiện SN8P1702
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1702 bảng dữ liệu(HTML) 35 Page - SONiX Technology Company

Back Button SN8P1702 Datasheet HTML 31Page - SONiX Technology Company SN8P1702 Datasheet HTML 32Page - SONiX Technology Company SN8P1702 Datasheet HTML 33Page - SONiX Technology Company SN8P1702 Datasheet HTML 34Page - SONiX Technology Company SN8P1702 Datasheet HTML 35Page - SONiX Technology Company SN8P1702 Datasheet HTML 36Page - SONiX Technology Company SN8P1702 Datasheet HTML 37Page - SONiX Technology Company SN8P1702 Datasheet HTML 38Page - SONiX Technology Company SN8P1702 Datasheet HTML 39Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
SN8P1700
8-bit micro-controller build-in 12-bit ADC
SONiX TECHNOLOGY CO., LTD
Page 35
Revision 1.94
RAM BANK SELECTION
The RBANK is a 1-bit register located at 87H in RAM bank 0. The user can access RAM data by using this register
pointing to working RAM bank for ACC to read/write RAM data.
RBANK initial value = xxxx xxx0
087H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RBANK
0
0
0
0
0
0
0
RBNKS0
-
-
-
-
-
-
-
R/W
RBNKSn: RAM bank selecting control bit. 0 = bank 0, 1 = bank 1.
Example: RAM bank selecting.
; BANK 0
CLR
RBANK
; b0bclr FRBNKS0
.
; BANK 1
MOV
A, #1
; b0bset FRBNKS0
B0MOV
RBANK, A
.
Note: “B0MOV” instruction can access the RAM of bank 0 in other bank situation directly.
Example: Access RAM bank 0 in RAM bank 1.
; BANK 1
B0BSET
RBNKS0
; Get into RAM bank 1
B0MOV
A, BUF0
; Read BUF0 data. BUF0 is in RAM bank0.
MOV
BUF1, A
; Write BUF0 data to BUF1. BUF1 is in RAM bank1.
.
.
.
MOV
A, BUF1
; Read BUF1(bank1) data and store in ACC.
B0MOV
BUF0, A
; Write ACC data to BUF0(bank0).
Under bank 1 situation, using “B0MOV” instruction is an easy way to access RAM bank 0 data. User can make a habit
to read/write system register (0087H~00FFH). Then user can access system registers without switching RAM bank.
Example: To Access the system registers in bank 1 situation.
; BANK 1
B0BSET
RBNKS0
; Switch the Ram Bank into bank 1
.
.
MOV
A, #0FFH
; Set all pins of P1 to be logic high.
B0MOV
P1, A
; Operate the bank 0 special register by the b0mov instruction
.
; while the RAM system in the bank1.
B0MOV
A, P0
; Read P0 data in the Bank 0 and store into BUF1 in the bank 1.
MOV
BUF1, A
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com