| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW50-2G bảng dữ liệu(PDF) 46 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW50-2G bảng dữ liệu(HTML) 46 Page - Aavid, Thermal Division of Boyd Corporation |
|
46 / 116 page ![]() 46 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com ORDERING INFORMATION 5751, 5793, 5794 Snap down style heat sink featuring two side fins Snap down style heat sink features two side fins that act as springs to hold the semiconductor firmly to the heat sink. Models include an integrated clip and device locking catch for more robust applications. Available for both standard and bevel edged TO-220 packages. Part Number Description Figure 575102B00000G Snap down heat sink A 579302B00000G With integrated clip and locking catch B 579402B00000G With integrated clip and locking catch B for TO-220 with beveled edge Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 01 2 3 4 5 8 6 2 4 0 0 400 200 600 800 1000 579302 579402 TO-220 Heat Sinks 19.05 (0.750) 12.32 (0.485) 14.22 (0.560) 3.81 (0.150) 28.45 (1.120) THRU ø 11.18 (0.440) 11.18 (0.440) 11.18 (0.440) "A" "A" 579302 19.05 (0.750) 24.89 (0.980) 579402 3.15 (0.124) LOCKING CATCH View A-A View A-A ø FIGURE A FIGURE B Material: 0.63 (0.025) Thick Aluminum Finish: Black Anodize For additional options see page 82 Air Velocity—Feet Per Minute Heat Dissipated—Watts 20 0 20 40 60 80 100 01 2 3 4 5 16 12 4 8 0 0 400 200 600 800 1000 575102 |