| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW50-2G bảng dữ liệu(PDF) 71 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW50-2G bảng dữ liệu(HTML) 71 Page - Aavid, Thermal Division of Boyd Corporation |
|
71 / 116 page ![]() 71 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com TO-3 Heat Sinks ORDERING INFORMATION 5197, 5198, 5199, 5201 Heavy gauge square basket heat sink Heavy gauge square basket heat sink provides excellent performance by using 1/8 thick aluminum to maximize efficiency. Available in 4 heights. 10.41 (0.410) 12.24 (0.482) 39.37 (1.550) 32.02 (1.300) @ BASE 48.26 (1.900) TYP 2 5.54 (0.218) TYP 2 4.75 (0.187) 1 2 ø ø 30.15 (1.187) 15.09 (0.594) 1.83 (0.072) 10.92 (0.430) 5.46 (0.215) CL CL "A" "X" "X" Part Number “A” Dim 519703B00000G 38.10 (1.500) 519803B00000G 44.45 (1.750) 519903B00000G 50.80 (2.000) 520103B00000G 31.12 (1.225) Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 0 5 10 15 20 25 4 3 1 2 0 0 400 200 600 800 1000 520103 519903 Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 04 8 12 16 20 4 3 1 2 0 0 400 200 600 800 1000 579003 569003 Square basket heat sink features folded back fins to increase surface area and power dissipation. Two heights are available. 5690, 5790 Square basket heat sink features folded back fins Material: 3.17 (0.125) Thick Aluminum Finish: Black Anodize Material: 1.60 (0.063) Thick Aluminum Finish: Black Anodize Position Code Description Location Details A 1 Kon-DuxTM pad Page 86 B 01 6-32 Wave-OnTM theaded insert 0.100 stand off Hole X Page 89 POPULAR OPTIONS: Base part no. A 5_ _ _03B 0 00 00G For additional options see page 84 ORDERING INFORMATION Part Number “A” Dim 569003B00000G 33.27 (1.310) 579003B00000G 25.40 (1.000) Position Code Description Details A 1 Kon-DuxTM pad Page 86 A 3 In-Sil-8TM pad Page 86 POPULAR OPTIONS: For additional options see page 84 1.78 (0.070) 15.11 (0.595) 30.23 (1.190) 5.46 (0.215) 10.92 (0.430) REF 27.69 (1.090) THRU TYP 8 3.66 (0.144) THRU TYP 2 5.59 (0.220) REF 6.35 (0.250) SQ. REF 46.48 (1.830) THRU TYP 2 4.83 (0.190) ø ø CL "A" CL ø Base part no. A 5_9003B 0 0000G Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 04 8 12 16 20 4 3 1 2 0 0 400 200 600 800 1000 519703 519803 B Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |