công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS6204IPWPR bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện THS6204IPWPR
Giải thích chi tiết về linh kiện  Dual-Port, Differential VDSL2 Line Driver Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

THS6204IPWPR bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button THS6204IPWPR Datasheet HTML 27Page - Texas Instruments THS6204IPWPR Datasheet HTML 28Page - Texas Instruments THS6204IPWPR Datasheet HTML 29Page - Texas Instruments THS6204IPWPR Datasheet HTML 30Page - Texas Instruments THS6204IPWPR Datasheet HTML 31Page - Texas Instruments THS6204IPWPR Datasheet HTML 32Page - Texas Instruments THS6204IPWPR Datasheet HTML 33Page - Texas Instruments THS6204IPWPR Datasheet HTML 34Page - Texas Instruments THS6204IPWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
DIE
SideView(a)
EndView(b)
BottomView(c)
DIE
Thermal
Pad
THERMAL ANALYSIS
BOARD LAYOUT GUIDELINES
MaximumT =+85 C
J
°
´
°
°
+(0.955
32 C/W)=115.5 C
THS6204
www.ti.com ................................................................................................................................................... SBOS416C – OCTOBER 2007 – REVISED APRIL 2009
(1) The thermal pad is electrically isolated from all terminals in the package.
Figure 89. Views of Thermally-Enhanced PWP Package (Representative Only—Not to Scale)
Due to the high output power capability of the
Achieving
optimum
performance
with
a
THS6204, heatsinking or forced airflow may be
high-frequency amplifier like the THS6204 requires
required
under
extreme
operating
conditions.
careful attention to board layout parasitic and external
Maximum desired junction temperature sets the
component types. Recommendations that optimize
maximum allowed internal power dissipation as
performance include:
described below. In no case should the maximum
a) Minimize parasitic capacitance to any ac ground
junction temperature be allowed to exceed +130°C.
for all of the signal I/O pins. Parasitic capacitance on
Operating junction temperature (TJ) is given by TA +
the output and inverting input pins can cause
PD × θJA. The total internal power dissipation (PD) is
instability; on the noninverting input, it can react with
the sum of quiescent power (PDQ) and additional
the source impedance to cause unintentional band
power dissipation in the output stage (PDL) to deliver
limiting. To reduce unwanted capacitance, a window
load power. Quiescent power is the specified no-load
around the signal I/O pins should be opened in all of
supply current times the total supply voltage across
the ground and power planes around those pins.
the part. A PDL depends on the required output signal
Otherwise, ground and power planes should be
and load; using the previously developed model
unbroken elsewhere on the board.
described in the Total Driver Power for xDSL
Applications section, compute the maximum TJ using
b) Minimize the distance (< 0.25") from the
a THS6204 QFN-24 in the circuit of Figure 81
power-supply
pins
to
high-frequency
0.1
µF
operating
at
the
maximum
specified
ambient
decoupling capacitors. At the device pins, the ground
temperature of +85°C.
and power plane layout should not be in close
proximity to the signal I/O pins. Avoid narrow power
and ground traces to minimize inductance between
(19)
the
pins
and
the
decoupling
capacitors.
The
Although
this
is
still
well
below
the
specified
power-supply
connections
should
always
be
maximum junction temperature, system reliability
decoupled with these capacitors. An optional supply
considerations may require lower tested junction
decoupling capacitor across the two power supplies
temperatures.
The
highest
possible
internal
(for bipolar operation) improves second-harmonic
dissipation will occur if the load requires current to be
distortion performance. Larger (2.2
µF to 6.8µF)
forced into the output for positive output voltages or
decoupling capacitors, effective at lower frequency,
sourced from the output for negative output voltages.
should also be used on the main supply pins. These
This puts a high current through a large internal
can be placed somewhat farther from the device and
voltage drop in the output transistors. The output V-I
may be shared among several devices in the same
plot shown in the Typical Characteristics includes a
area of the PCB.
boundary for 1W maximum internal power dissipation
under these conditions.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): THS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com