| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Toolstick-BA bảng dữ liệu(PDF) 19 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
Toolstick-BA bảng dữ liệu(HTML) 19 Page - Silicon Laboratories |
|
19 / 20 page ![]() Si4010-DK Rev. 0.1 19 3.5. Simple key fob demo-keyfob_demo This example demonstrates a basic key fob application transmitting a packet for every button push. Packets can be received by an 4355-LED-XXX-SRX board. Buttons are debounced using the Button Service API functions. 3.6. RKE key fob demo-rke_demo An advanced key fob demo using AES encryption, rolling counter in MTP memory, battery voltage measurement, and production ID of chip as node address. This is the firmware used in the Si4010 Demo Key Fobs, available in Silicon Labs key fob demo kits. |