| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Toolstick-BA bảng dữ liệu(PDF) 15 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
Toolstick-BA bảng dữ liệu(HTML) 15 Page - Silicon Laboratories |
|
15 / 20 page ![]() Si4010-DK Rev. 0.1 15 /* *------------------------------------------------------------------------------ */ Assembly version of the same function, assuming that the file name is ledon.a51 for Keil toolchain. ;------------------------------------------------------------------------------ ; ; INCLUDES: ; $NOLIST $INCLUDE (si4010.inc) $LIST ;--------------------------------------------------------------------------- ; ; SEGMENTS: ; ; Assumes file name to be ledon.a51 .. capitalized LEDON is the file name NAME LEDON ?PR?vLedOn?LEDON SEGMENT CODE ;--------------------------------------------------------------------------- ; ; EXTERNALS AND PUBLIC: ; PUBLIC vLedOn ;--------------------------------------------------------------------------- ; ; CODE: ; RSEG ?PR?vLedOn?LEDON vLedOn: setb GPIO_LED mov A, RBIT_DATA jnb ACC.B_GPIO_LED_DRIVE, NoC2Disable orl PROT0_CTRL, #M_C2_OFF NoC2Disable: |