| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EC3 bảng dữ liệu(PDF) 14 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EC3 bảng dữ liệu(HTML) 14 Page - Silicon Laboratories |
|
14 / 20 page ![]() Si4010-DK 14 Rev. 0.1 If we disable the C2 interface when the device is not connected to the IDE chain, and before the LED is turned off when lit, then there will not be the GPIO4 problem. To do that the user must add the following function to the user application to turn the LED on. C function to turn the LED on: /* *------------------------------------------------------------------------------ * * INCLUDES: */ #include "si4010.h" /* *============================================================================== * * VISIBLE FUNCTIONS: */ void vLedOn ( void ) /*------------------------------------------------------------- * * FUNCTION DESCRIPTION: * Turn LED on with disabling of the C2. * The C2 is disabled only if the part is not connected * to the IDE debugging chain. * *------------------------------------------------------------- */ { /* *------------------------------------------------------------- * VARIABLES: *------------------------------------------------------------- */ GPIO_LED = 1; if ( 0 != (RBIT_DATA & M_GPIO_LED_DRIVE) ) { PROT0_CTRL |= M_C2_OFF; } } |