| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LF-345KB bảng dữ liệu(PDF) 47 Page - NEC |
|
|
|||||||||||||||||||||||||||||
LF-345KB bảng dữ liệu(HTML) 47 Page - NEC |
|
47 / 51 page ![]() bGL-H2 Type (2-fuse type) Faston® tab terminal #250 2-3.5ø Flat-head screw CEE22; 3P inlet with CEE22, VI specifications Reference installation dimensions for front panel installation 2-M3 35 –0 81.5 55.5 5.5 *Faston® is a registered trademark of Tyco Electronics AMP. *Recommended torque (N・m) max. ◆Panel installation (M3: 0.50) Shape and Dimensions bGL-H2 Type IN (Inlet side) (Faston® terminal side) E E Fuse Fuse Circuit Diagram GL Series H Type [RoHS Compliant] GL Series H Type [RoHS Compliant] GL-2030H2 250 3 1500 300 0.5 1 30 –25 to +55 TÜV 90 GL-2060H2 250 6 1500 300 0.5 1 30 –25 to +55 TÜV 90 Rated Rated WithstandingInsulation resistance Leakage Voltage Self- Operating Model voltage current voltage 1 min., 500VDC 1 min., currentdrop temperature temperatureCertified Weight AC/DC (V) AC/DC (A) line to groundline to ground 250V/60Hz, 50Hz, rise range standard (g) AC (V) (M ) min. (mA) max. (V) max. (K) max. (˚C) [mm] Inlet Type Noise Filters VOL.11 47 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9615NFSVOL11E1106E1 |