| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LF-345KB bảng dữ liệu(PDF) 37 Page - NEC |
|
|
|||||||||||||||||||||||||||||
LF-345KB bảng dữ liệu(HTML) 37 Page - NEC |
|
37 / 51 page ![]() Noise Filters VOL.11 37 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9615NFSVOL11E1106E1 100 50 0 VG-2150FPZ-10, VG-2200FPZ-10 VG-2150FPZ-20 Frequency (MHz) Common mode 0.15 1 10 30 Attenuation Characteristics 50 13 43 21 7.0 Case grounding #250Faston® terminal 13 70 100VAC 15A VG-2150FPZ-10 Lot No. *Faston® is a registered trademark of Tyco Electronics AMP. Shape and Dimensions Caution: E represents a case. Z+SA Cy Z Cx L Cx R E Circuit Diagram VG-2150FPZ-10 100 15 1000 300 0.5 (125V) –25 to +55 200 VG-2150FPZ-20 200 15 1500 300 1.0 (250V) –25 to +55 200 VG-2200FPZ-10 100 20 1000 300 0.5 (125V) –25 to +55 220 WithstandingInsulation resistance Leakage Operating Model Rated voltage Rated current voltage 1 min., 500VDC 1 min., current temperature Weight AC/DC (V) AC/DC (A) line to groundline to ground 250V/60Hz, range (g) AC (V) (M ) min. (mA) max. (˚C) [mm] VG-FPZ Series for inverter installed home appliances' surge control [RoHS Compliant] VG-FPZ Series for inverter installed home appliances' surge control [RoHS Compliant] Casing Type Metal cylinder |