| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VC-210FA bảng dữ liệu(PDF) 9 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VC-210FA bảng dữ liệu(HTML) 9 Page - NEC |
|
9 / 51 page ![]() Noise Filters VOL.11 9 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9615NFSVOL11E1106E1 Casing Type Plastic box 100 90 80 70 60 50 40 30 20 10 0 Frequency (MHz) 0.1 0.5 1.0 5.0 10 20 30 Plastic Case Single-Phase Noise Filter GT-SF Series [RoHS Compliant] Plastic Case Single-Phase Noise Filter GT-SF Series [RoHS Compliant] Plastic Case Single-Phase Noise Filter GT-SF Series [RoHS Compliant] Common mode Normal mode GT-2060SF-10 GT-2100SF-10 GT-2160SF-10 GT-2200SF-10 Model ※1 250 250 250 250 Rated voltage AC/DC(V) 6 10 16 20 Rated current AC/DC(A) 2500 2500 2500 2500 Withstanding voltage 2 sec., line to ground AC(V) 6000 6000 6000 6000 Insulation resistance 500VDC 1 min., line to ground (MΩ)min. 0.56 0.56 0.56 0.56 Leakage current 250V/50Hz, (mA)max. 210 220 220 220 Weight (g) ※2 45 45 45 45 Self- temperature rise (K)max. -25 ∼+100 -25 ∼+100 -25 ∼+100 -25 ∼+100 Operating temperature range (℃) cCSAus,ENEC14 cCSAus,ENEC14 cCSAus,ENEC14 cCSAus,ENEC14 Certified standard [mm] Shape and Dimensions Circuit Diagram ●Common mode Measuring Circuit ●Normal mode Attenuation(Static Characteristics) Representative example: 20A 1 2 3 4 φ4.4 75±0.40 Earth connection: M4 screw 103±0.40 93±0.40 E 1 2 3 4 IN ●Plastic shell of the product eliminates resin filling (weight reduction) ●DIN rail installation types available ●Featuring mechanism of self-jump-up to prevent loss of screw (easy to install) ●Safety cover integrating contact terminal Features ●Industrial equipment, electronic devices Applications *Recommended torque (N・m) max. ◆Line terminal (M4: 1.00) ◆Earth terminal (M4: 1.00) |