| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VC-210FA bảng dữ liệu(PDF) 45 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VC-210FA bảng dữ liệu(HTML) 45 Page - NEC |
|
45 / 51 page ![]() GL Series F, FV, FVP Type [RoHS Compliant] GL Series F, FV, FVP Type [RoHS Compliant] GL-2030F 250 3 1500 300 0.5 1 30 –25 to +55 UL,CSA,TÜV,VDE 40 GL-2060F 250 6 1500 300 0.5 1 30 –25 to +55 UL,CSA,TÜV,VDE 40 GL-2030FV 250 3 1500 300 0.5 1 30 –25 to +55 UL,CSA,TÜV,VDE 40 GL-2060FV 250 6 1500 300 0.5 1 30 –25 to +55 UL,CSA,TÜV,VDE 40 GL-2080FVP 250 8 1500 300 0.2 1 30 –25 to +55 cULus 50 GL-2060FVP-XL 250 6 1500 300 0.1 1 30 –25 to +55 − 90 Rated Rated WithstandingInsulation resistance Leakage Voltage Self- Operating Model voltage current voltage 1 min., 500VDC 1 min., currentdrop temperature temperatureCertified Weight AC/DC (V) AC/DC (A) line to groundline to ground 250V/60Hz, 50Hz, rise range standard (g) AC (V) (M ) min. (mA) max. (V) max. (K) max. (˚C) *FV and FVP types are also available with Faston ® terminal. *Faston ® is a registered trademark of Tyco Electronics AMP. Inlet Type ※22.5 for GL-2060FVP-XL ※ Shape and Dimensions [mm] A Model GL-FV GL-FVP GL-FVP-XL 35.5 47.5 69.5 B 50.0 61.0 82.8 C 21.0 21.0 22.0 bGL-F Type bGL-FV,FVP,FVP-XL Type 2-3.3ø Flat-head screw 22.5 +0.5 –0 2-3.3ø 23.0 –0 22.5 2-M3 6.0 52 46 35.5 Soldered terminal 3P inlet with EN60320 V1 specifications 3.0 16 +0.5 –0 22.5 +0.5 –0 2-M3 Flat-head screw 6.0 B A C (2) For front panel installation Reference installation dimensions (1) For rear panel installation 3P inlet with EN60320 VI specifications 26 6.5 2.6 23.0 –0 21.5 –0 2-M3 (2) For front panel installation Reference installation dimensions (1) For rear panel installation *Recommended torque (N・m) max. ◆Panel installation (M3: 0.78) Noise Filters VOL.11 45 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9615NFSVOL11E1106E1 |