| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESVC20J107M bảng dữ liệu(PDF) 4 Page - NEC |
|
|
|||||||||||||||||||||||||||||
ESVC20J107M bảng dữ liệu(HTML) 4 Page - NEC |
|
4 / 8 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9653TCAVOL14E1109E0 E/SV Series 33 í PERFORMANCE CHARACTERISTICS Test Conditions : Conform to IEC 60384-1 at 85℃ at 125℃ at 85℃ at 120 Hz at 100 kHz solder dip : 260℃, 5sec solder reflow : 260℃,10sec 25V 16V 33V 35V 22V 46V 16V 10V 20V 20V 13V 26V 6.3V 4V 8V 10V 6.3V 13V 2.5V 1.6V 3.3V 4V 2.5V 5.2V Lower than 2 times initial specification (P, J case) or 1.25 times initial specification Parts shall be temperature cycled over a temperature range of –55 to +125℃, five times continuously as follow. Step 1: –55 ℃, 30±3min. Step 2: room temp. 10 to 15min. Step 3: 125 ℃, 30±3min. Step 4: room temp, 10 to 15min. Refer to Standard Ratings at 40℃ at 90 to 95% RH 500 hour at 85℃: Rated voltage at 125℃: Derated voltage 2000 hour Strength : 4.9N Time : 10±0.5sec. (two directions) 0.125C • V( A) or 6.25 A, which ever is greater Lower than initial specification Lower than initial specification PERFORMANCE TEST CONDITION Operating temperature Rated voltage (V.dc) Derated voltage (V.dc) Surge voltage (V.dc) Capacitance Capacitance tolerance DC Leakage Current (L.C) Dissipation Factor Equivalent Series Resistance –55℃ to +125℃ ITEM Surge voltage test 0.47 F to 680 F L.C Refer to Standard Ratings Refer to Standard Ratings Refer to Standard Ratings at 120 Hz ±20% or ±10% (P,J case: ±20%) λ0=1% / 1000 hour Visual: There shall be no evidence of mechanical damage Refer to Standard Ratings Refer to Standard Ratings Refer to Standard Ratings at 85℃: Rated voltage at 125℃: Derated voltage 2000 hour Lower than initial specification Lower than initial specification Endurance Damp heat Failure Rate Terminal Strength Conform to IEC60384–1 Conform to IEC60384–1 Others Lower than 1.5 times initial specification Voltage: Rated voltage for 5min. Temperature : 85±2℃ Applied voltage : Surge voltage Series resistance : 33 ohm Duration of surge : 30±5 sec Time between surge : 5.5min. Number of cycle : 1000 0.01C • V( A) or 0.5 A , whichever is greater Lower than initial specification Lower than initial specification Capacitance change DF(%) Lower than initial specification Rapid change of temperature Resistance to Soldering heat Characteristic at high and low temperature Lower than initial specification –55℃ +85℃ +125℃ Not to exceed –20% (P, J case) or –12% Not to exceed +20% (P, J case) or +12% Lower than initial specification Refer to Standard Ratings Refer to Standard Ratings Not to exceed +20% (P, J case) or +15% 0.1C • V( A) or 5 A, which ever is greater Step 1: 25±2℃ Step 2: –55 ℃ Step 3: 25±2℃ Step 4: 125 ℃ 0 –3 0 –3 0 –3 0 –3 ———— Derated voltage at 85℃ at more [UT] = [UR] – [UR] – [UC] 40 Reference : Derated voltage (85 to 125 °C) [UT] : Derated voltage at operating temperature [UR] : Rated voltage [UC] : Derated voltage at 125 °C T : Operating temperature (T–85) |