| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESVC20J107M bảng dữ liệu(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
ESVC20J107M bảng dữ liệu(HTML) 2 Page - NEC |
|
2 / 8 page ![]() ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9653TCAVOL14E1109E0 E/SV Series 31 í STANDARD C-V VALUE REFERENCE BY CASE CODE ESV D 0G 687 M DC rated voltage in volts Capacitance tolerance Capacitance (pF) First two digits represent significant figures. Third digit specifies number of zeros to follow. M K : ±20% : ±10% Case code E/SV Series TE [Bulk] [Tape and Reel] ESVD0G687M 12 R Packing Orientation Tape width R : Cathode on the Side of Sproket Hole Part number of Bulk Tape and Reel TL ESVD0G687M 12 R E Indicates 330mm φ reel Tape and Reel TL : 330 mm φ reel TE : 180 mm φ reel 8 : 8 mm (J, P, A2, A, B3, B2 case) 12 : 12 mm (C2, C, V, D case) 0E: 2.5 V, 0G: 4 V, 0J: 6.3 V, 1A: 10 V, 1C: 16 V, 1D: 20 V, 1E: 25 V, 1V: 35 V í PART NUMBER SYSTEM 2.5V 0E 4V 0G 6.3V 0J 10V 1A 16V 1C 20V 1D 25V 1E 35V 1V 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687 P P J, P J, A J, P, A2, A P, A2, A A2, A A, B3 A, B3, B2 A, B2 B3, B2, C B2, C2, C C, D C, D D A2 A2 A2 A2 P, A2, A A2, A, B3 A2, A, B3, B2 B3, B2 B2 C B2, C2, C, D D C, D A A A2, A A A, B2 B3, B2 C C C, D D P J, P J, P J, P, A2 J, P, A2, A A2, A P, A2, A, B2 A2, B3 A, B3, B2 B3, B2 A, B2, C2, C B2, C2, C B2, C2, C, V, D V, D D A A P, A2, A A A B3, B2 B2 C2, C C D D P J J J, P, A J, P, A2 J, P, A2, A P, A2, A P, A2, A, B3, B2 A2, A, B3 A, B3, B2, C A, B3, B2, C2 A, B3, B2, C2, C B2, C B2, C, V, D V, D D P J J, P P P, A2, A P, A2, A P, A2, A, B3 A, B3 A2, A, B3, B2, C2 B2, C2 B2, C C, V D D J J P, A2 P, A2 P, A2, A A A, B3, B2 A, B3, C2 B3, B2, C2 B3, B2, C B2, C, D UR F UR :Rated Voltage |