công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2VMM1 bảng dữ liệu(PDF) 129 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5643LFF2VMM1
Giải thích chi tiết về linh kiện  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2VMM1 bảng dữ liệu(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2VMM1 Datasheet HTML 125Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 126Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 127Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 130Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 131Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 132Page - Freescale Semiconductor, Inc SPC5643LFF2VMM1 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 136 page
background image
Document revision history
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Freescale Semiconductor
129
5
31 Aug 2010 Editorial changes and improvements.
Revised the Overview section.
Replaced references to PowerPC with references to Power Architecture.
In the feature summary, changed “As much as 128 KB on-chip SRAM” to “128 KB on-chip
SRAM”.
In the “Feature details” section:
• In the “On-chip SRAM with ECC” section, added information about required RAM wait
states.
• In the PIT section, deleted “32-bit counter for real time interrupt, clocked from main
external oscillator” (not supported on this device).
• In the flash-memory section, changed “16 KB Test” to “16 KB test sector”, revised the
wait state information, and deleted the associated Review_Q&A content.
• In the SRAM section, revised the wait state information.
In the 144-pin pinout diagram:
• Renamed pin 58 (was VDD_HV_ADV0_ADV1, is VDD_HV_ADV).
• Renamed pin 59 (was VSS_HV_ADV0_ADV1, is VSS_HV_ADV).
In the “144 LQFP pin function summary” table, for pin 39, changed VSS_LV_COR to
VDD_LV_COR.
In the “Supply pins” table:
• Changed the description for VDD_LV_COR (was “Voltage regulator supply voltage”, is
“Core logic supply”).
• Changed the description for VDD_HV_PMU (was “Core regulator supply”, is “Voltage
regulator supply”).
In the “Pin muxing” table:
• In the “Pad speed” column headings, changed “SRC = 0” to “SRC = 1” and “SRC = 1”
to “SRC = 0”
• For port B[6], changed the pad speed for SRC=0 (was M, is F).
In the “Thermal characteristics” section, added meaningful values to the
thermal-characteristics tables.
Added the “SWG electrical specifications” section.
In the “Voltage regulator electrical characteristics” section, changed the table title (was
“HPREG1, HPREG2, Main LVDs, Digital HVD, and Digital LVD electrical
specifications”, is “Voltage regulator electrical characteristics”) and revised the table.
In the “BCP68 board schematic example” figure, removed the resistor at the base of the
BCP68 transistor.
In the “DC electrical characteristics” table:
• Changed the guarantee parameter for IINJ (was P, is T).
• Added a specification for input leakage current for shared ADC input-only ports.
Revised the “Flash memory module life” table.
In the “FMPLL electrical characteristics” table, revised the footnote defining fSCM and
fVCO.
In the “Main oscillator electrical characteristics” table:
• Changed the max specification for gmXOSCHS (was 11.8 mA/V, is 13.25 mA/V).
• Revised the conditions for TXOSCHSSU.
In the ‘RC oscillator electrical characteristics” table, deleted the specification for
RCMTRIM.
Revised the “ADC conversion characteristics” table.
5
(cont.)
31 Aug 2010
(cont.)
In the “RESET pin characteristics” section, changed “nRSTIN” to “RESET”.
Added the “Reset sequence” section.
Revised the footnotes in the “Nexus debug port timing” table.
In the “Orderable part number summary” table, added a footnote about frequency
modulation to the “Speed (MHz)” column heading.
Table 41. Revision history (continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com